Part Number Hot Search : 
WHB150FE T25E3 DUPLEX LL5226B AS100 BC857 U2785B DR280
Product Description
Full Text Search
 

To Download BAT54SWT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT54SWT1
Preferred Device
Dual Series Schottky Barrier Diodes
These Schottky barrier diodes are designed for high speed switching applications, circuit protection, and voltage clamping. Extremely low forward voltage reduces conduction loss. Miniature surface mount package is excellent for hand held and portable applications where space is limited.
Features http://onsemi.com
* Extremely Fast Switching Speed * Low Forward Voltage - 0.35 Volts (Typ) @ IF = 10 mAdc * Pb-Free Package is Available
30 VOLT DUAL SERIES SCHOTTKY BARRIER DIODES
1 ANODE 2 CATHODE
3 CATHODE/ANODE
MAXIMUM RATINGS (TJ = 125C unless otherwise noted)
Rating Reverse Voltage Forward Power Dissipation @ TA = 25C Derate above 25C Forward Current (DC) Junction Temperature Storage Temperature Range Symbol VR PF 200 1.6 IF TJ Tstg 200 Max -55 to 125 -55 to +150 mW mW/C mA C C B8 = Device Code M = Date Code* G = Pb-Free Package (Note: Microdot may be in either location) *Date Code orientation may vary depending upon manufacturing location. 1 2 3 SOT-323 CASE 419 STYLE 9 B8M G G 1 Value 30 Unit V
MARKING DIAGRAM
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
ORDERING INFORMATION
Device BAT54SWT1 BAT54SWT1G Package SOT-323 SOT-323 (Pb-Free) Shipping 3000 / Tape & Reel 3000 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2005
1
October, 2005 - Rev. 8
Publication Order Number: BAT54SWT1/D
BAT54SWT1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (EACH DIODE)
Characteristic Reverse Breakdown Voltage (IR = 10 mA) Total Capacitance (VR = 1.0 V, f = 1.0 MHz) Reverse Leakage (VR = 25 V) Forward Voltage (IF = 0.1 mAdc) Forward Voltage (IF = 30 mAdc) Forward Voltage (IF = 100 mAdc) Reverse Recovery Time (IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc, Figure 1) Forward Voltage (IF = 1.0 mAdc) Forward Voltage (IF = 10 mAdc) Forward Current (DC) Repetitive Peak Forward Current Non-Repetitive Peak Forward Current (t < 1.0 s) Symbol V(BR)R CT IR VF VF VF trr VF VF IF IFRM IFSM Min 30 - - - - - - - - - - - Typ - 7.6 0.5 0.22 0.41 0.52 - 0.29 0.35 - - - Max - 10 2.0 0.24 0.5 0.8 5.0 0.32 0.40 200 300 600 Unit V pF mAdc Vdc Vdc Vdc ns Vdc Vdc mAdc mAdc mAdc
820 W +10 V 2k 100 mH 0.1 mF DUT 50 W OUTPUT PULSE GENERATOR 50 W INPUT SAMPLING OSCILLOSCOPE 90% VR INPUT SIGNAL IR iR(REC) = 1 mA OUTPUT PULSE (IF = IR = 10 mA; measured at iR(REC) = 1 mA) IF 0.1 mF tr 10% tp T IF trr T
Notes: 1. A 2.0 kW variable resistor adjusted for a Forward Current (IF) of 10 mA. Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA. Notes: 3. tp trr
Figure 1. Recovery Time Equivalent Test Circuit
http://onsemi.com
2
BAT54SWT1
100 1 25C IF, FORWARD CURRENT (mA) 85C 10 1 50C 1.0 25C 0.1 0.0 -40C
-55C 0.6
0.2 0.3 0.4 0.1 0.5 VF, FORWARD VOLTAGE (VOLTS)
Figure 2. Forward Voltage
1000 TA = 150C IR, REVERSE CURRENT (mA) 100 TA = 125C 10 1.0 TA = 85C 0.1 0.01 0.001 0 5 15 25 10 20 VR, REVERSE VOLTAGE (VOLTS) 30
TA = 25C
Figure 3. Leakage Current
14 CT, TOATAL CAPACITANCE (pF) 12 10 8 6 4 2 0 0 5 10 15 20 25 30
VR, REVERSE VOLTAGE (VOLTS)
Figure 4. Total Capacitance
http://onsemi.com
3
BAT54SWT1
PACKAGE DIMENSIONS
SOT-323 (SC-70) CASE 419-04 ISSUE M
D e1
3
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. MILLIMETERS NOM MAX 0.90 1.00 0.05 0.10 0.7 REF 0.35 0.40 0.18 0.25 2.10 2.20 1.24 1.35 1.30 1.40 0.65 BSC 0.425 REF 2.10 2.40 INCHES NOM 0.035 0.002 0.028 REF 0.014 0.007 0.083 0.049 0.051 0.026 BSC 0.017 REF 0.083
HE
1 2
E
b e
A 0.05 (0.002)
A2 L
c
DIM A A1 A2 b c D E e e1 L HE
MIN 0.80 0.00 0.30 0.10 1.80 1.15 1.20
MIN 0.032 0.000 0.012 0.004 0.071 0.045 0.047
MAX 0.040 0.004 0.016 0.010 0.087 0.053 0.055
2.00
0.079
0.095
A1
STYLE 9: PIN 1. ANODE 2. CATHODE 3. CATHODE-ANODE
SOLDERING FOOTPRINT*
0.65 0.025 0.65 0.025
1.9 0.075 0.9 0.035 0.7 0.028
SCALE 10:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
4
BAT54SWT1/D


▲Up To Search▲   

 
Price & Availability of BAT54SWT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X